PART |
Description |
Maker |
AT-635 AT-635PIN AT-635TR |
Vo l t age Va r i a ble Absorptive Attenu a t o r, 35 dB DC - 2 GHz
|
MACOM[Tyco Electronics]
|
AT-635TR AT-635PIN |
Vo l t age Va r i a ble Absorptive Attenu a t o r/ 35 dB DC - 2 GHz
|
Tyco Electronics
|
BH6557FV |
Optical Disc LSIs > Optical disc accessories > Peripheral IC of slim type CD-ROM DC/DC Converter Reset
|
ROHM Electronic Theatre Controls, Inc. List of Unclassifed Manufacturers
|
S1724BBBA S1724BDBA S1724CBBA S1724CDBA S1724DDBA |
Optical amplifier platform, erbium-doped fiber amplifier. P0=16.0 dBm. Connector FC/PC. Without heat sink. Optical Amplifier Platform1724-Type Eribium-Doped Fiber Amplifier(S and V Series) Optical Amplifier Platform/1724-Type Eribium-Doped Fiber Amplifier(S and V Series) Optical Amplifier Platform,1724-Type Eribium-Doped Fiber Amplifier(S and V Series) 光放大器平台,1724 -型Eribium铒光纤放大器(S和V系列 BOARD INTERFACE KGZ/GMS 0-25% Optical amplifier platform, erbium-doped fiber amplifier. P0=13.0 dBm. Connector FC/PC. Without heat sink.
|
AGERE[Agere Systems] ERICSSON Austin Semiconductor, Inc
|
HEDS-5500 HEDS-5540 HEDS-5505-A14 HEDS5540 HEDM-55 |
HEDL-5561#J06 · Encoder Line Drivers HEDS-5540#A01 · Quick Assembly Two and Three Channel Optical Encoder HEDS-5140#A02 · Two and Three Channel Codewheels HEDS-5505#A04 · Quick Assembly Two and Three Channel Optical Encoder HEDM-5505#B04 · Quick Assembly Two and Three Channel Optical Encoder HEDS-5600#A06 · Quick Assembly Two and Three Channel Optical Encoder HEDS-5500#A01 · Quick Assembly Two and Three Channel Optical Encoder HEDM-5605#B06 · Quick Assembly Two and Three Channel Optical Encoder HEDM-5600#B06 · Quick Assembly Two and Three Channel Optical Encoder HEDS-5120#A01 · Two and Three Channel Codewheels HEDM-5120#B02 · Two and Three Channel Codewheels HEDM-5500#B01 · Quick Assembly Two and Three Channel Optical Encoder HEDS-8910#001 · Alignment Tool For The 3-channel Quick Assembly Encoders HEDS-554X/564X Series Quick Assembly Two and Three Channel Optical Encoders
|
Agilent (Hewlett-Packard) HP[Agilent(Hewlett-Packard)]
|
SERIES110 |
Quad-in-line sockets are suitable for with staggered double row Dual-in-line type pin patterns.
|
Precid-Dip Durtal SA
|
74ABT377A 74ABT377AD 74ABT377ADB 74ABT377AN 74ABT3 |
Quadruple 2-Line To 1-Line Data Selectors/Multiplexers 16-SOIC 0 to 70 Octal D-type flip-flop with enable From old datasheet system
|
NXP Semiconductors N.V. PHILIPS[Philips Semiconductors]
|
L8231 L8231-21 L8231-22 L8231-23 L8231-32 L8231-44 |
2V; 0.2mW; laser diode: repectacle type, 1.3um, 1.25, 2.5Gbps. For optical fiber communications, fiber channel, gigabit ethernet, HDTV, SDH Receptacle type, 1.3 レm, 1.25, 2.5 Gbps 插座类型.3レ米.25.5 Gbps CAP 1.5PF 50V /-0.25PF C0G SMD-0402 TR-7-PA SN100 插座类型.3レ米.25.5 Gbps Receptacle type/ 1.3 m/ 1.25/ 2.5 Gbps Receptacle type, 1.3 m, 1.25, 2.5 Gbps Receptacle type 1.3 m 1.25 2.5 Gbps Receptacle type, 1.3 μm, 1.25, 2.5 Gbps FIBER OPTIC LASER DIODE EMITTER, 1250Mbps, PANEL MOUNT, SC CONNECTOR
|
Hamamatsu Photonics K.K. HAMAMATSU[Hamamatsu Corporation]
|
RECW20D-25-201-1 RECW20D-50-201-1 |
MANUAL SETTING TYPE OPTICAL ENCODERS
|
Copal Electronics
|
EDS7-52A |
OPTICAL FLANGE TYPE LIQUID LEVEL TRANSMITTER
|
Fuji Electric
|
PS8551L4 |
ANALOG OUTPUT TYPE OPTICAL COUPLED ISOLATION AMPLIFIER
|
Renesas
|
PS21212 |
Dual-In-Line Package Intelligent Power Module TRANSFER-MOLD TYPE INSULATED TYPE
|
Mitsubishi Electric Corporation
|